Part Number Hot Search : 
110UH XFGIB TF666 16373 ORT9303 BCM57 2SA1305 74HC158D
Product Description
Full Text Search
 

To Download TIP32C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP31C/TIP32C
GENERAL DESCRIPTION
Silicon Epitaxial Planar Transistor
Complementary, high power transistors in a plastic envelope, primarily for use in audio and general purpose
QUICK REFERENCE DATA
SYMBOL
TO-220
CONDITIONS VBE = 0V TYP MAX 100 100 3 5 40 1.2 2.0 UNIT V V A A W V V s
VCBO VCEO IC ICM Ptot VCEsat VF tf
PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Diode forward voltage Fall time
Tmb 25 IC = 3A; IB =0.4A IF = 3A ICsat = 3.0A; f = 16KHz
1.5 0.5
LIMITING VALUES
SYMBOL
VCESM VCEO VEBO IC IB Ptot Tstg Tj
PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Emitter-base oltage (open colloctor) Collector current (DC) Base current (DC) Total power dissipation Storage temperature Junction temperature
CONDITIONS VBE = 0V
MIN -55 -
Tmb 25
MAX 100 100 5 3 1 40 150 150
UNIT V V v A A W
ELECTRICAL CHARACTERISTICS
SYMBOL
ICBO IEBO V(BR)CEO VCEsat hFE fT Cc ton ts tf
PARAMETER Collector-base cut-off current Emitter-base cut-off current Collector-emitter breakdown voltage Collector-emitter saturation voltages DC current gain Transition frequency at f = 5MHz Collector capacitance at f = 1MHz On times Tum-off storage time Fall time
CONDITIONS VCB=100V VEB=5V IC=1mA IC = 3A; IB = 0.4A IC = 1A; VCE = 5V IC = 0.5A; VCE = 10V VCB = 10V IC=3A,IB1=-IB2=0.3A,VCC=30V IC=3A,IB1=-IB2=0.3A,VCC=30V IC=3A,IB1=-IB2=0.3A,VCC=30V
TYP 100 25 3.0 85 0.4 1.0 0.5
MAX 0.2 1.0 1.2 -
UNIT mA mA v V MHz pF us us us
1.0
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of TIP32C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X